Part Number Hot Search : 
HFCS70SG SML50H19 SF41R10K GP20D 2SK26 CP759R 1N756A BT4401
Product Description
Full Text Search
 

To Download XFL2005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C XFL2005 document 779-1 document 779-1 revised 02/15/12 inductance 2 dcr (ohms) 3 srf typ 4 isat (a) 5 irms (a) 6 part number 1 20% (h) nom max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise XFL2005-151me_ 0.15 0.085 0.098 590 1.05 1.55 1.90 1.25 1.60 XFL2005-221me_ 0.22 0.111 0.128 480 0.72 1.20 1.50 1.13 1.48 XFL2005-331me_ 0.33 0.144 0.166 380 0.65 1.05 1.30 1.00 1.30 XFL2005-471me_ 0.47 0.177 0.204 275 0.60 0.97 1.20 0.95 1.25 XFL2005-681me_ 0.68 0.215 0.247 220 0.50 0.75 0.95 0.80 1.05 designers kit c434 contains 5 of each value and 5 of each xfl2006 core material composite core and winding loss see www.coilcraft.com/coreloss environmental rohs compliant, halogen free terminations rohs compliant tin-silver-copper (96.5/3/0.5) over tin over nickel over silver-platinum. weight 8.4 mg ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 2000/7 reel; 7500/13 reel plastic tape: 8 mm wide, 0.28 mm thick, 4 mm pocket spacing, 0.76 mm pocket depth pcb washing only pure water or alcohol recommended ? lowest profle, ultra-miniature, magnetically shielded power inductor; only 0.5 mm high, 2 mm 2 mm footprint ? soft saturation 1. when ordering, please specify packaging code: XFL2005-471mec packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape 2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked 7500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at which the inductance drops the specifed amount from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. dimensions are in inches mm 0.079 0.008 2,0 0,2 0.075 0.008 1,9 0,2 0.020 0,50 max recommended land pa ttern 0.057 1,45 0.087 2,2 0.041 1,04 0.069 1,75 0.014 0,35 0.030 0,75 min max max us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
shielded power inductor C XFL2005 document 779-2 document 779-2 revised 02/15/12 l vs current l vs frequency irms derating -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i 0 0.05 0.10 0.20 0.15 current (a) inductance (h) 0.15 h 0 0.5 1.0 1.5 2.0 3.0 2.5 0 0.1 0.2 0.3 current (a) inductance (h) 0.22 h 0 0.5 1.0 1.5 2.0 2.5 0 0.1 0.2 0.3 0.4 0.5 current (a) inductance (h) 0.33 h 0 0.25 0.50 0.75 1.00 2.00 1.25 1.50 1.75 0 0.1 0.2 0.3 0.4 0.5 0.6 current (a) inductance (h) 0.47 h 0 0.2 0.4 0.6 0.8 1.0 1.2 1.6 1.4 0 0.6 0.4 0.2 0.8 1.0 current (a) inductance (h) 0.68 h 0 0.4 0.3 0.2 0.1 0.6 0.5 0.8 0.7 1.0 0.9 esr vs frequency 0 5 10 15 20 25 equiv alent series resistance (ohms) 0.1 1 100 10 frequenc y (mhz) 0.15 h 0.47 h 0.68 h 0.33 h 0.22 h 0.15 h 0.47 h 0.33 h 0.22 h inductance (h) 0.1 1 1000 10 100 frequenc y (mhz) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 1 0.68 h us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of XFL2005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X